Part Number Hot Search : 
BL1640 TIL195BX 74ACT1 2SD2147Q 2N7002E 10015 Z86D73 CTA08
Product Description
Full Text Search
 

To Download DB2500P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fea tures dat a sheet no. brdb-2500p-1c mechanical specifica tion t el.: (310) 767-1052 fax: (310) 767-7958 diotec electronics corp . gardena, ca 90248 u.s.a 18020 hobart blvd., unit b e41 25 amp silicon bridge rectifiers mechanical da t a maximum ra tings & electrical characteristics     
                       
  
    ! #"$  ! %    &     ' ( & ) *+, &       (  - !   (   ! /. !       ( %   &     
      ! 0% *1 t 2 , t 3'465 i 7 c -55 to +150 a verage forward rectified current @ t = 50 c 8 9 peak forward surge current. t = 150 c : ; single 60hz half-sine w ave superimposed on rated load (jedec method). junction operating and s torage t emperature range p arameter (test conditions) maximum dc blocking v olt age maximum peak recurrent reverse v olt age w orking peak reverse v olt age series number v <>=@? v a%a%b v ced c%fg
h v i%j symbol kml%npoq%rtsu%vxw%y[z%\^]%_^`%acb%dfehgjihk amps units vol ts l-m-n!o$prq-s-t!u$vrw-x!y-z${}|-~--$?m?-?!?$?-???-?!?-?$?r?!?-?!?6?e?-?-?!?$?/?-?!?-?$?/?!?$? ?$? 1000 400 600 800 50 100 200 400 600 800 rms reverse v olt age 280 420 560 35 70 140 280 420 700 560 controlled a v alanche non-controlled a v alanche rating for fusing ( non repetitive; 1ms < t < 8.3ms) i t ? 25 amps ? sec i ?- r | v 6 maximum forward v olt age (per diode) at 12.5 amp s dc vol ts vol ts n/an/a mimimum a valanche v olt age maximum a valanche v olt age v ? a%??>-? v 2%3%?! maximum reverse current at rated v ?%1 @ t = 25 c o ? @t = 125 c ? ? i ?%? minimum insulation breakdown v olt age (circuit to case) v 'a t ypical thermal resist ance, junction to case see note 1see note 1 1.05 1 50 m a 2500 ? c/w 1.2 ? ? ? ? ? 373500 ra tings series: DB2500P - db2510p and adb2504p - adb2508p suffix "t" indicates f ast -on terminals suffix "w" indicates wire leads inches millimeters min 9.6 17.5 15.7 28.4 sym bl bh d1 d2 max max 10.2 16.7 18.5 28.7 0.69 min 1.12 0.38 0.62 1.13 0.40 0.66 0.73 d3 0.53 13.5 14.5 0.57 l t 0.6 15.2 n/a n/a inches millimeters min 9.6 10.9 17.5 28.4 sym bl bh d1 ll d2 max max 10.2 18.5 1 1.9 28.7 0.43 min 1.12 0.38 0.69 1.13 0.40 0.73 0.47 ld 1.0 1.1 0.039 0.042 0.81 20.6 n/a n/a d3 d1 d1 bl hole for#8 screw d2 bl bh l t hole for#8 screw ld ll bh d1 d2 bl d1 bl ??e? h? ? ? ? ?? ?y-t6? >a + _ ?? ?? ul recognized - file #e141956 ?
?   ?
?!e ? ? $? ? ? + _ ?6? 6? + _ > ?> adbd-2500p-1c buil t -in stress relief mechanism for superior reliability and performance integrall y molded hea t sink provides ver y low thermal resist ance for maximum hea t dissip a tion void free v acuum die soldering for maximum mechanical strength and hea t dissip a tion (solder v oids: t ypical < 2%, max. < 10% of die area) y
tm?  
                              !"#$% &' ! ())     ! * +(   ,)   &    !"# !      - )   #!   ($ max. mounting torque = 20 in-lb. case:t erminals: round silver plated copper pins or fast-on terminals soldering: per mil-std 202 method 208 guaranteedpolarity: marked on side of case mounting position: any . through hole for #8 screw . w eight: fast-on t erminals - 0.7 ounces (20.0 grams) case: molded epoxy with integral heat sink epoxy carries a u/l flammability rating of 94v -0 w ire leads - 0.55 ounces (16.0 grams) rohs compliant
ra ting & characteristic cur ves for series DB2500P - db2510p and series adb2504p - adb2508p dat a sheet no. brdb-2500p-2c abdb-2500p-2c t el.: (310) 767-1052 fax: (310) 767-7958 diotec electronics corp . gardena, ca 90248 u.s.a 18020 hobart blvd., unit b number of cycles at 60 hz 25 amp silicon bridge rectifiers . / 0 132 4 5 6 figure 2. maximum non-repetitive surge current peak forward surge current (amperes) e42 15 5 0 10 20 25 30 0 50 100 150 figure 1. for w ard current dera ting curve case t emperature, c 7 a verage forward current, io (amperes) 60hz resistive or inductive loads bridge mounted on 5 x 6 x 4.9" thick (12.7 x 15.2 x 12.4cm) finned al. plate inst ant aneous reverse current, i (milcroamperes) figure 4. typical reverse characteristics percent of rated peak reverse v olt age .01 0.1 1.0 10 8399;:3<=?>a@ b cdfe g h ijlkm t = 125 c n o t = 25 c p q figure 3. typical for w ard characteristic per diode inst ant aneous forward v olt age (v olt s) inst ant aneous forward current (amperes) 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0.1 1.0 10 r3ss t3u uu t = 25 c pulse w id th = 300 sec 1%duty cycle v w m t = 150 c x y z3[[ [ \ ] ^3_ ` a3bb


▲Up To Search▲   

 
Price & Availability of DB2500P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X